Part Number Hot Search : 
SMBJ100C 08500 TOTX193K MY2157C 77829E3 ACF21U ABE0121 2SK10
Product Description
Full Text Search
 

To Download IWMS1550010521 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Single Channel Integrated WDM Monitors
IWMS Series
Features Wide Operating Wavelength Range Low Insertion Loss and PDL Low Dark Current High Temperature Stability
Single Channel Integrated WDM Monitors
Oplink's single channel Integrated WDM Monitor (IWMS) is acompact, WDM power monitoring device. It allows power monitoring at one or more wavelengths while transmitting all other wavelengths. The IWMS integrates the functionality of a WDMfilter and a photodiode while delivering low insertionloss and low dark current with high temperaturestability over a wide wavelength range. It increasesmodule design flexibility and efficiency byfacilitating fiber management. It is compact and easyto mount on a PCB board for module and system use.Applications include DWDM channel power monitoring,optical network switching/protection monitoring, re-configurable optical add/dropmultiplexers, and gain/attenuation monitoring in amplifier systems. Oplink can provide customized designs to meet specialized feature applications. Also, Oplink offers modular assemblies that integrate other components to form a full function module or subsystem.
Functional Diagram
B2 (B1) Output (Reflecton) B1 (B2) Photocurrent
Applications DWDM Channel Monitoring Optical Network Switch/ Protection Monitoring Re-configurable Optical Add/drop Multiplexers Gain/Attenuation Monitoring in Amplifier Systems
B1+ B 2 Input
Performance Specifications
Parameter Min Typical Max Units
BI Wavelength Range B2 Wavelength Range Insertion Loss for Transmitted Signal 1 Polarization Dependent Loss B2 Output Isolation at B1 B1 Output Isolation at B2 Return Loss 1 PD Responsivity Input Optical Power PD Bandwidth =0.5G Dark Current@ -5V bias, 70C PD Bandwidth =1.0G PD Bandwidth =0.5G Capacitance@-5V bias (1MHz) PD Bandwidth =1.0G Operating Temperature Storage temperature Soldering Temperature (10s) Fiber Type Standard Package Dimension Miniature
1. Excluding connectors 2. Bare fiber L=17mm; With 900 m loose tube L =22 mm
1260 ~ 1360 1525 ~ 1570 or 1570 ~ 1620 0.6 0.03 0.05 15 35 40 0.7 -20
-5 -40 SMF-28 o 5.6 x 27.0 o 3.3 x L2
10 10 5 20 5 70 85 260
nm nm dB dB dB dB dB A/W dBm nA nA pF pF C C C mm mm
Oplink Communications, Inc.
R3.20070830
Single Channel Integrated WDM Monitors
IWMS Series
Mechanical Drawing / Package Dimensions (dimension in mm) Standard Package (P1, Bare Fiber or Loose Tube) Miniature Package (P4, Bare Fiber)
Input(Black)
0.45 mm Lead, 12mm
2. 5 mm
Standard Package Pin Assignment Pin 1: Pin 2: Pin 3: Anode Cathode Case Ground
Miniature Package (P5, Loose Tube)
Input(Blue) Output(White)
46335 Landing Parkway Fremont, CA 94538-6407 Tel: (510 933-7200 Fax: (510) 933-7300 Email: Sales@Oplink.com
Ordering Information
Oplink can provide a remarkable range of customized optical solutions. For detail, please contact Oplink's OEM design team or account manager for your requirements and ordering information (510) 933-7200.
IWMS
0
Detection Wavelength 1310nm= 1310 1550nm= 1550 1600nm= 1600
Bandwidth 0.5G= 05 1.0G= 10
Fiber Length 0.5 meter= H 1.0 meter= 1 1.5 meter= 5 2.0 meter= 2 Fiber Type P1+250m bare fiber= 11 P1+900m loose tube=12 P2+250m bare fiber= 41 P5+900m loose tube=52
RoHS: 1) Add "G" to the end of the above PN for RoHS 6.
Connector Type None= 1 FC/PC= 2 FC/SPC= 3 FC/APC= 4 SC/PC= 5 SC/SPC= 6 SC/APC= 7 ST= 8 LC= 9 MU= A
R3.20070830
Product Lines
Mux/Demux
Switching/Routing
Coupling/Splitting
Monitoring/Conditioning
Amplification
Interconnect
RGB Laser Modules


▲Up To Search▲   

 
Price & Availability of IWMS1550010521

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X